qualtek electronics corp. fan-s division part number: 07190-60 description: molded fan cord female 90 tolerance +/- (mm) dim range (mm) 0-1 1-6 6-18 18-50 50-120 120-250 250-500 0.15 0.20 0.30 0.50 0.70 0.90 1.20 drawn / date checked / date approved / date b.zhang 10-18-02 10-18-02 jjh / 10-18-02 notes: 1. rating: 10a 125vac 2. cordage: spt-1, 18/2, 105?c, 300v 3. cord length: 60 inches 4. termination: blunt cut 5. approvals: ul, cul 6. rohs compliant unit: mm rev: c controlled approved date description rev. revision b c rohs compliancy updated specifications 06-01-06 09-18-08 dp ly these drawings are the property of qualtek electronics and not to be reproduced for or communicated to a third party without the express written permission of an officer of qualtek electronics. 16.4 13.4 0.3 7.925 0.127 2.5 0.2 4.5 0.2 15.5 2 0.3 8.3 0.2
|